Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 30Page - STMicroelectronics STPM01_V01 Datasheet HTML 31Page - STMicroelectronics STPM01_V01 Datasheet HTML 32Page - STMicroelectronics STPM01_V01 Datasheet HTML 33Page - STMicroelectronics STPM01_V01 Datasheet HTML 34Page - STMicroelectronics STPM01_V01 Datasheet HTML 35Page - STMicroelectronics STPM01_V01 Datasheet HTML 36Page - STMicroelectronics STPM01_V01 Datasheet HTML 37Page - STMicroelectronics STPM01_V01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
Theory of operation
STPM01
34/60
Doc ID 10853 Rev 8
The very first CFG bit, called TSTD, is used to disable any change of system signals after it
was permanently set. During the configuration phase, each bit set to logic level 1 will
increase the supply current of STPM01 of about 120 µA, until the TSTD bit is set to 1. The
residual increase of supply current is 2 µA per each bit set to 1. It is then recommended to
set the TSTD bit to 1 after the configuration procedure in order to keep the supply current as
low as possible.
The STPM01 can work either using the data stored in the OTP cells either the data available
in the shadow latches. This can be chosen according to the value RD Mode signal (see
mode signal paragraph for description). If the RD is set, the CFG bits originates from
corresponding OTP shadow latches otherwise, if the RD is cleared, the CFG bits originates
from corresponding OTP antifuses. This way one can temporary sets up certain
configuration or calibration of device then verify it and then change it, if it is necessary. For
example, this is extensively exercised during production tests.
Each configuration bit can be written sending a byte command to STPM01 through its SPI
interface. The procedure to write the configuration bits is described in the SPI section.
After the TSTD bit has been set, the only write commands accepted will be the precharge
and the remote reset, this implies that the shadow latches cannot be used as source of
configuration data anymore.
Table 16.
Configuration bits map
Address
Name
n. of
bits
Description (1)
6-bit
binary
DEC
000000
0
TSTD
1
Test mode and OTP write disable:
- TSTD=0: testing and continuous pre-charge of OTP when in read mode,
- TSTD=1:normal operation and no more writes to OTP
000001
1
MDIV
1
Measurement frequency range selection:
- MDIV=0: 4.000MHz to 4.194MHz,
- MDIV=1: 8.000MHz to 8.192MHz
000010
2
RC
1
Type of internal oscillator selection:
- RC=0:crystal oscillator,
- RC=1:RC oscillator
000011
3
APL
2
Peripheral or Standalone mode:
- APL=0: peripheral, MON=WatchDOG; MOP=ZCR, LED=pulses,
- APL=1: peripheral, MOP=
ΔΣ Voltage; MON=ΔΣ current; LED=Mux (current) -
APL=2: standalone, MOP,MON=stepper, LED=pulses, SCLNLC=no load
condition, SDATD=tamper detected, SYN=negative active power direction
- APL=3: standalone, MOP:MON=stepper, LED=pulses according to KMOT,
SCLNLC=no load condition, SDATD=tamper detected, SYN=negative active
power direction
000100
4 (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com