Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 39Page - STMicroelectronics STPM01_V01 Datasheet HTML 40Page - STMicroelectronics STPM01_V01 Datasheet HTML 41Page - STMicroelectronics STPM01_V01 Datasheet HTML 42Page - STMicroelectronics STPM01_V01 Datasheet HTML 43Page - STMicroelectronics STPM01_V01 Datasheet HTML 44Page - STMicroelectronics STPM01_V01 Datasheet HTML 45Page - STMicroelectronics STPM01_V01 Datasheet HTML 46Page - STMicroelectronics STPM01_V01 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
43/60
t1 → t2 (> 30 ns): SPI out of idle state
t2 → t3 (> 30 ns): SPI enabled for write operation
t3: data value is placed in SDA
t4: SDA value is stable and shifted into the device
t3 → t5 (> 10 µs): writing clock period
t3 → t5: 1 bit data value
t5 → t6: 6 bits address of the destination latch
t6 → t7: 1 bit EXE command
t8: end of SPI writing
t9: SPI enters idle state
The same procedure should be applied for the mode signals, but in this case the 6-bits
address must be taken from the Table 17.
The LSB of command is also called EXE bit because instead of data bit value, the
corresponding serial clock pulse is used to generate the necessary latching signal. This way
the writing mechanism does not need the measurement clock in order to operate, which
makes the operation of SPI module of STPM01 completely independent from the rest of
device logic except from the signal POR.
Commands for changing system signals should be sent during active signals SCS and SYN
as it is shown in the Figure 27. The SYN must be put low in order to disable SDATD output
driver of STPM01 and make the SDATD as an input pin. A string of commands can be send
within one period of active signals SCS and SYN or command can be followed by reading
the data record but, in this case, the SYN should be deactivated in order to enable SDATD
output driver and a SYN pulse should be applied before activation of SCS in order to latch
the data.
Interfacing the standard 3-wire SPI with STPM01 SPI.
Due to the fact a 2-wire SPI is implemented in STPM01 it is clear that sending any
command from a standard 3-wire SPI would require 3-wire to 2-wire interface, which should
produce a proper signal on SDATD from host signals SDI, SDO and SYN. A single gate 3-
state buffer could be omitted by an emulation of SPI just to send some command. On a
microcontroller this would be done by the following steps:
1.
disable the SPI module;
2.
set SDI pin which is connected to SDATD to be output;
3.
activate SYN first and then SCS;
4.
apply new bit value to SDI and activate SCL;
5.
deactivate SCL;
6.
repeat the last two steps seven times to complete one byte transfer;
7.
repeat the last three steps for any remaining byte transfer;
8.
set SDI pin to be input;
9.
deactivate SCS and the SYN;
10. enable the SPI module;
In case of precharge command (0xFF), emulation above is not necessary. Due to the pull up
device on the SDATD pin of the STPM01 the processor needs to perform the following
steps:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com