Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 33Page - STMicroelectronics STPM01_V01 Datasheet HTML 34Page - STMicroelectronics STPM01_V01 Datasheet HTML 35Page - STMicroelectronics STPM01_V01 Datasheet HTML 36Page - STMicroelectronics STPM01_V01 Datasheet HTML 37Page - STMicroelectronics STPM01_V01 Datasheet HTML 38Page - STMicroelectronics STPM01_V01 Datasheet HTML 39Page - STMicroelectronics STPM01_V01 Datasheet HTML 40Page - STMicroelectronics STPM01_V01 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
37/60
As it is indicated above, the STPM01 includes 56 CFG bits. Normally, some of these bits
should be permanently set during production of application of STPM01 in order to protect
the application from power fails. Of course, if an application would include an on-board
microcontroller, it could reload the configuration and calibration values after power on restart
and so, the permanent set of STPM01 would not be necessary. But this is not very safe way
to do it, because due to some EMI even imposed to tamper the meter, the microcontroller
may become lost and during such state, it can change some system signals in the STPM01
or somebody can change the calibration and configuration by changing the software of on-
board microcontroller.
8.20
Mode signals
The STPM01 includes 8 mode signals located in the DFP data record, 3 of these are used
only for internal testing purposes while 5 are useful to change some of the operation of the
STPM01. The mode signals are not retained when the STPM01 supply is not available and
then they are cleared when a POR occurs but they are not cleared when a remote reset
command (RRR) is sent through SPI.
The mode signals bit can be written using the normal writing procedure of the SPI interface
(see SPI section).
Of course, we can clear the RD by clearing all system signals. The first way is to generate
POR signal but this way we clear and reset the whole device. An alternative way is to set the
TSTD bit in the shadow latches. This setting becomes effective after SCS goes to idle state
when the TSTD clears all system signals including itself but, it does not reset the whole
device.
110000
48
CRC
2
2-bit unsigned data for calibration of RC oscillator.
CRC=0, or CRC=3 cal=0%
CRC=1, cal=+10%;
CRC=2, cal=-10%.
110001 49 (1)
110010
50
NOM
2
2-bit modifier of nominal voltage for Single Wire Meter.
NOM=0: KNOM=0.3594 / NOM=1: KNOM=0.3906 / NOM=2: KNOM=0.4219 /
NOM=3: KNOM=0.4531;
110011 51 (1)
110100
52
ADDG
1
Selection of additional gain on current channels:
ADDG=0: Gain+=0 / ADDG=1: Gain+=8
110101
53
CRIT
1
Selection of tamper threshold:
CRIT =0: 12,5% / CRIT =1: 6,25%
110110
54
LVS
1
Type of stepper selection:
LVS=0: pulse width 31.25 ms, 5V, / LVS=1: pulse width, 156.25 ms, 3V
110111
55
1
Reserved
1.
IMPORTANT: This bit represents the MSB of the decimal value indicated in the description column.
Table 16.
Configuration bits map (continued)
Address
Name
n. of
bits
Description (1)
6-bit
binary
DEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com