Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 49Page - STMicroelectronics STPM01_V01 Datasheet HTML 50Page - STMicroelectronics STPM01_V01 Datasheet HTML 51Page - STMicroelectronics STPM01_V01 Datasheet HTML 52Page - STMicroelectronics STPM01_V01 Datasheet HTML 53Page - STMicroelectronics STPM01_V01 Datasheet HTML 54Page - STMicroelectronics STPM01_V01 Datasheet HTML 55Page - STMicroelectronics STPM01_V01 Datasheet HTML 56Page - STMicroelectronics STPM01_V01 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
STPM01
Application design
Doc ID 10853 Rev 8
53/60
10
Application design
The choice of the external components in the transduction section of the application is a
crucial point in the application design, affecting the precision and the resolution of the whole
system.
Among the several considerations, a compromise has to be found between the following
needs:
1.
Maximize the signal to noise ratio in the voltage channel,
2.
Choose the current to voltage conversion ratio Ks and the voltage divider ratio in a way
that calibration can be achieved (please refer to AN2299)
3.
Choose Ks to take advantage of the whole current dynamic range according to desired
maximum current and resolution.
To maximize the signal to noise ratio of the current channel the voltage divider resistors ratio
should be as close as possible to those shown in Table 20.
The Figure 29 below shows a reference schematic for an application with the following
properties:
●
P = 64000 imp/KWh
●
INOM = 5 A
●
IMAX = 60 A.
Typical values for the current sensors sensitivity, also used in the reference schematic
below, are shown in Table 21.
Note:
If the device is used in configuration PST = 7 (primary channel with CT, secondary channel
with Shunt), the shunt Ks must always be equal to one fourth of the current transformer Ks.
Additional considerations on the application design, suggestions for noise and crosstalk
reduction can be found in the AN2317.
Table 20.
Resistor divider ratio
Function
Component
Parameter
Value
Unit
Line voltage interface
Resistor divider
R to R ratio VRMS=230V
1650
V/V
R to R ratio VRMS=110V
830
Table 21.
Current channel typical components
Function
Component
Parameter
Value
Unit
Line current interface
Current shunt
Current to voltage conversion ratio Ks
0.425
mV/A
Current transformer
1.7
Rogowsky coil
0.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com