Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 37Page - STMicroelectronics STPM01_V01 Datasheet HTML 38Page - STMicroelectronics STPM01_V01 Datasheet HTML 39Page - STMicroelectronics STPM01_V01 Datasheet HTML 40Page - STMicroelectronics STPM01_V01 Datasheet HTML 41Page - STMicroelectronics STPM01_V01 Datasheet HTML 42Page - STMicroelectronics STPM01_V01 Datasheet HTML 43Page - STMicroelectronics STPM01_V01 Datasheet HTML 44Page - STMicroelectronics STPM01_V01 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
41/60
division makes sense with the MSB of data value because the MSN of it holds the parity
code rather than useful data.
The sequence of data record during the reading operation is fixed. Normally, an application
will read 1st,.., 6th data record, the 7th and 8th data record would read only when it need to
fetch the configuration data. However, an application may apply a precharge command (see
Table 17) prior reading phase. This command forces the device to respond with the
sequence 5th,.., 8th, 1st,.., 4th. Such change of sequence can be used to skip the first four
data records.
The timing diagram of the reading operation is shown on the Figure 26. One can see the
latching and beginning of shifting phase of the first byte (0x5F) of the first data record and
end of reading. Also, both alternatives to reset the internal transmission serial clock counter
is shown in signal SYN.
Figure 25.
Data records reconstruction
Figure 26.
Timing for data records reading
t
1
t
2
t
3t4
t
5
t
6
t
7
t
8
SCLNLC
SDATD
SYN
SCS
1st byte
last bit of 32nd byte
f(read)
SCLNLC
SDATD
SYN
SCS
1st byte
last bit of 32nd byte
f(read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com