Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPM01_V01 Datasheet HTML 29Page - STMicroelectronics STPM01_V01 Datasheet HTML 30Page - STMicroelectronics STPM01_V01 Datasheet HTML 31Page - STMicroelectronics STPM01_V01 Datasheet HTML 32Page - STMicroelectronics STPM01_V01 Datasheet HTML 33Page - STMicroelectronics STPM01_V01 Datasheet HTML 34Page - STMicroelectronics STPM01_V01 Datasheet HTML 35Page - STMicroelectronics STPM01_V01 Datasheet HTML 36Page - STMicroelectronics STPM01_V01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
33/60
The first 6 registers are read-only except for the 8 bit mode signals in the DFP register (the
mode signals will be described later in this paragraph). The last two registers CFL and CFH
can be also written because they contain the configuration bits. Among these last 64 bits (32
of CFL and 32 of CFH), 8 bits are used for parity nibbles, then only 56 bits are used for
configuring and programming the STPM01.
8.19
Configuration bits
All the configuration bits that control the operation of the device (CFL and CFH data records)
can be written in a temporary or permanent way. In case of temporary writing the
configuration bits value are written in the so called shadow registers which are simple
latches that hold the configuration data. In case of permanent writing the configuration bits
are stored in the OTP (one time programmable) cells that keep the information for an
undefined period of time even if the STPM01 is without supply, but, once written, they
cannot be changed anymore.
The shadow registers are cleared whenever a reset condition occurs (both POR and remote
reset).
As indicated in the data records table, the configuration bits are 56. Each of them consists of
paired elements, one is latch, the OTP shadow, and another is the OTP antifuse element.
When the STPM01 is released in the market, all antifuses represents logic low state but they
can be written by the user in order to configure the STPM01.This means that STPM01 can
retain 56 bits of information even if it has been unsupplied for an undefined time. That’s why
the CFG signals are used to keep certain configuration and calibration values of device.
Figure 23.
STPM01 data records map
upper f(u)
0 1
mode signals
p
p
iRMS
uRMS
iMOM
uMOM
1bit
1bit 1bit
20 bit
20 bit
8 bit
6 bit
11 bit
16 bit
DAP
DRP
DSP
CFH
DFP
DEV
DMV
CFL
reactive energy
type0 active energy
apparent energy
type 1 energy
lower part of configurators
upper part of configurators
Status
lower f(u)
parity
parity
parity
parity
parity
parity
parity
parity
4 bit
msb
lsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com