Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074 Datasheet(PDF) 16 Page - Texas Instruments

Part # TL074
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL074 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL074 Datasheet HTML 12Page - Texas Instruments TL074 Datasheet HTML 13Page - Texas Instruments TL074 Datasheet HTML 14Page - Texas Instruments TL074 Datasheet HTML 15Page - Texas Instruments TL074 Datasheet HTML 16Page - Texas Instruments TL074 Datasheet HTML 17Page - Texas Instruments TL074 Datasheet HTML 18Page - Texas Instruments TL074 Datasheet HTML 19Page - Texas Instruments TL074 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Optocoupler
4N38
E/S
V+
(a) +5V
(b) HCTorTTLIn
HCTor
TTLIn
(a)
(b)
OPA564
(1)
V-
OPA564
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
www.ti.com
ENABLE/SHUTDOWN (E/S) PIN
logic signal and the OPA564 shutdown pin are
referenced to the same potential. In this configuration,
The output of the OPA564 shuts down when the E/S
the logic pin and the OPA564 enable can simply be
pin is forced low. For normal operation (output
connected together. Shutdown occurs for voltage
enabled), the E/S pin must be pulled high (at least 2V
levels of less than 0.8V. The OPA564 is enabled at
above V
–). To enable the OPA564 permanently, the
logic levels greater than 2V. In dual-supply operation,
E/S pin can be left unconnected. The E/S pin has an
the logic pin remains referenced to a logic ground.
internal 100k
Ω pull-up resistor. When the output is
However, the shutdown pin of the OPA564 continues
shut down, the output impedance of the OPA564 is
to be referenced to V
–.
6G
Ω || 120pF. The output shutdown output voltage
versus output current is shown in Figure 42. Although
Thus, in a dual-supply system, to shut down the
the output is high-impedance when shut down, there
OPA564 the voltage level of the logic signal must be
is still a path through the feedback network into the
level-shifted by some means. One way to shift the
input stage to ground; see Figure 43. To prevent
logic signal voltage level is by using an optocoupler,
damage to the OPA564, ensure that the voltage
as Figure 38 shows.
across the input terminals +IN and
–IN does not
exceed 0.5V, and that the current flowing through the
input
terminals
does
not
exceed
10mA
when
operated beyond the supply rails, V
– and V+. Refer
to the Input Protection section.
Input Protection
Electrostatic discharge (ESD) protection followed by
back-to-back
diodes
and
input
resistors
(see
Figure 43) are used for input protection on the
OPA564. Exceeding the turn-on threshold of these
diodes, as in a pulse condition, can cause current to
flow through the input protection diodes because of
the finite slew rate of the amplifier. If the input current
is not limited, the back-to-back diodes and the input
devices can be destroyed. Sources of high input
current can also cause subtle damage to the
amplifier. Although the unit may still be functional,
(1) Optional;
may
be
required
to
limit
leakage
current
of
important parameters such as input offset voltage,
optocoupler at high temperatures.
drift, and noise may shift.
Figure 38. Shutdown Configuration for Dual
When using the OPA564 as a unity-gain buffer
Supplies (Using Optocoupler)
(follower), as an inverting amplifier, or in shutdown
mode, the input voltage between the input terminals
(+IN and
–IN) must be limited so that the voltage
To shut down the output, the E/S pin is pulled low, no
does not exceed 0.5V. This condition must be
greater than 0.8V above V
–. This function can be
maintained across the entire common-mode range
used to conserve power during idle periods. To return
from V
– to V+. If the inputs are taken above either
the output to an enabled state, the E/S pin should be
supply rail, the current must be limited to 10mA
pulled to at least 2.0V above V
–. Figure 27 shows the
through the ESD protection diodes. During excursions
typical enable and shutdown response times. It
past the rails, it is still necessary to limit the voltage
should be noted that the E/S pin does not affect the
across the input terminals. If necessary, external
internal thermal shutdown.
back-to-back diodes should be added between +IN
When the OPA564 will be used in applications where
and
–IN to maintain the 0.5V requirement between
the device shuts down, special care should be taken
these connections.
with
respect
to
input
protection.
Consider
the
following two examples.
Output Shutdown
The shutdown pin (E/S) is referenced to the negative
supply (V
–). Therefore, shutdown operation is slightly
different
in
single-supply
and
dual-supply
applications. In single-supply operation, V
– typically
equals common ground. Therefore, the shutdown
16
Submit Documentation Feedback
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com