Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074 Datasheet(PDF) 20 Page - Texas Instruments

Part # TL074
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL074 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL074 Datasheet HTML 16Page - Texas Instruments TL074 Datasheet HTML 17Page - Texas Instruments TL074 Datasheet HTML 18Page - Texas Instruments TL074 Datasheet HTML 19Page - Texas Instruments TL074 Datasheet HTML 20Page - Texas Instruments TL074 Datasheet HTML 21Page - Texas Instruments TL074 Datasheet HTML 22Page - Texas Instruments TL074 Datasheet HTML 23Page - Texas Instruments TL074 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
500
450
400
350
300
250
200
150
100
50
0
-10
-8
-6
-4
-2
0
2
4
6
8
10
OutputVoltage(V)
V = 12V
S
±
OUTPUTSHUTDOWNOUTPUTVOLTAGEvsOUTPUTCURRENT
OPA564
E/ =Low(OutputShutdown)
S
V
OUT
I
OUT
TestCircuit
R
F
1.6kW
1.6kW
6GW
R
1
120pF
V+
V+
V+
V+
V-
V-
V-
V-
V
OUT
External protection
diodes as needed
I
1
I
2
+IN
-IN
OPA564
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
www.ti.com
Ensuring Microcontroller Compatibility
within the optocoupler. A high logic level causes the
OPA564 to be enabled, and a low logic level shuts
Not all microcontrollers output the same logic state
the
OPA564
down.
In
the
configuration
of
after power-up or reset. 8051-type microcontrollers,
Figure 38(b), with the logic signal applied on the
for example, output logic high levels while other
anode side, a high level causes the OPA564 to shut
models power up with logic low levels after reset. In
down, and a low level enables the op amp.
the configuration of Figure 38(a), the shutdown signal
is applied on the cathode side of the photodiode
Figure 42. Output Shutdown Output Impedance
Figure 43. OPA564: Output Shutdown Equivalent Circuit (with External Feedback)
20
Submit Documentation Feedback
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com