Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074 Datasheet(PDF) 27 Page - Texas Instruments

Part # TL074
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL074 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TL074 Datasheet HTML 23Page - Texas Instruments TL074 Datasheet HTML 24Page - Texas Instruments TL074 Datasheet HTML 25Page - Texas Instruments TL074 Datasheet HTML 26Page - Texas Instruments TL074 Datasheet HTML 27Page - Texas Instruments TL074 Datasheet HTML 28Page - Texas Instruments TL074 Datasheet HTML 29Page - Texas Instruments TL074 Datasheet HTML 30Page - Texas Instruments TL074 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
+12V
-12V
R
M
R = 12W
M
dc
Motor
R
2
10kW
R
1
1kW
R
SET
V
IN
EMF
R
S
1W
OPA564
V
DIG
(1)
C
0.1 F
1
m
C
0.1 F
1
m
C
47 F
2
m
C
47 F
2
m
R
5k
3
W
Z
2
S
2
Z
1
S
1
(2)
(2)
(3)
(3)
Note (4)
Note (4)
V+
V-
V
DIG
10kW
4.7V
Zener
1N4732A
(a)
(b)
2
5
1
4
3
IN
C
1000 F
m
I1
C
100nF
I2
C
22 F
m
OUT
I
IN
I
RO
V
RD
V
OUT
I
OUT
R
EXT
5kW
V
IN
I
D,c
I
D,d
I
GND
V
D
C
D
47nF
DELAY
GND
RESET
OUT
TLE4275-Q1
OPA564
www.ti.com
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
(1) IFLAG and TFLAG connections are not shown.
(2) Z1, Z2 = zener diodes (IN5246 or equivalent). Select Z1 and Z2 diodes that are capable of the maximum anticipated surge current.
(3) S1, S2 = Schottky diodes (STPS1L40 or equivalent).
(4) C1 = high-frequency bypass capacitors; C2 = low-frequency bypass capacitors (minimum of 10mF for every 1A peak current).
Figure 55. DC Motor Speed Controller (without Tachometer)
Figure 56. Circuits for Generating VDIG
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): OPA564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com