Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074 Datasheet(PDF) 6 Page - Texas Instruments

Part # TL074
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL074 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL074 Datasheet HTML 2Page - Texas Instruments TL074 Datasheet HTML 3Page - Texas Instruments TL074 Datasheet HTML 4Page - Texas Instruments TL074 Datasheet HTML 5Page - Texas Instruments TL074 Datasheet HTML 6Page - Texas Instruments TL074 Datasheet HTML 7Page - Texas Instruments TL074 Datasheet HTML 8Page - Texas Instruments TL074 Datasheet HTML 9Page - Texas Instruments TL074 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V-
V+PWR
V+PWR
V+PWR
V
OUT
V
OUT
V PWR
-
V PWR
-
T
SENSE
V-
V-
V+
T
FLAG
E/S
+IN
-IN
V
DIG
I
FLAG
I
SET
V-
PowerPAD
HeatSink
(Locatedon
topside)
(2)
(2)PowerPADisinternallyconnectedtoV .
-
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V-
V+
T
FLAG
E/S
+IN
-IN
V
DIG
I
FLAG
I
SET
V-
V-
V+PWR
V+PWR
V+PWR
V
OUT
V
OUT
V PWR
-
V PWR
-
T
SENSE
V-
PowerPAD
HeatSink
(Locatedon
bottomside)
(1)
(1)PowerPADisinternallyconnectedtoV ,
Soldering the PowerPAD to the PCB is
always required, even with applications that
havelowpowerdissipation.
-
OPA564
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
www.ti.com
PIN CONFIGURATIONS
OPA564AIDWP
OPA564AIDWD
HSOP-20
HSOP-20
PowerPAD on Bottom
PowerPAD on Top
PIN DESCRIPTIONS
OPA564AIDWP
OPA564AIDWD
(PAD DOWN)
(PAD UP)
PIN NO.
PIN NO.
NAME
DESCRIPTION
1, 10, 11, 20
1, 10, 11, 20
V
–
–Supply for Amplifier, PWR Out, and Metal PowerPAD
2
19
V+
+Supply for Signal Amplifier
Thermal Over Temperature Flag; flag is high when alarmed and device has
3
18
TFLAG
gone into thermal shutdown.
4
17
E/S
Enable/Shutdown Output Stage; take E/S low to shut down output
5
16
+IN
Noninverting Op Amp Input
6
15
–IN
Inverting Op Amp Input
+Supply for Digital Flag and E/S (referenced to V
–).
7
14
VDIG
Valid Range is (V
–) + 3.0V ≤ VDIG ≤ (V–) + 5.5V.
8
13
IFLAG
Current Limit Flag; Active High
9
12
ISET
Current Limit Set (see Applications Section)
12
9
TSENSE
Temperature Sense Pin for use with TMP411
13, 14
7, 8
V
– PWR
–Supply for Power Output Stage
15, 16
5, 6
VOUT
Output Voltage; RO is high impedance when shut down
17, 18, 19
3, 4, 2
V+ PWR
+Supply for Power Output Stage
6
Submit Documentation Feedback
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com