Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL074 Datasheet(PDF) 11 Page - Texas Instruments

Part # TL074
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL074 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL074 Datasheet HTML 7Page - Texas Instruments TL074 Datasheet HTML 8Page - Texas Instruments TL074 Datasheet HTML 9Page - Texas Instruments TL074 Datasheet HTML 10Page - Texas Instruments TL074 Datasheet HTML 11Page - Texas Instruments TL074 Datasheet HTML 12Page - Texas Instruments TL074 Datasheet HTML 13Page - Texas Instruments TL074 Datasheet HTML 14Page - Texas Instruments TL074 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
0.01
0.1
1
10
100
V
Amplitude(V )
OUT
P
1
0.1
0.01
0.001
0.0001
V = 12V
S
±
f=1kHz
G=+10
R
=
10
LOAD
W
R
=5
LOAD
W
R
=60
LOAD
W
R
=
NoLoad
LOAD
10
100
1k
10k
100k
Frequency(Hz)
1
0.1
0.01
0.001
0.0001
G=+10
V
=8V
OUT
P
R
=
LOAD
10W
R
=
LOAD
5W
R
=
LOAD
60W
R
=
LOAD
NoLoad
10
100
1k
10k
100k
Frequency(Hz)
1
0.1
0.01
0.001
0.0001
G= 10
V
=8V
-
OUT
P
R
=
LOAD
10W
R
=
LOAD
5W
R
=
LOAD
60W
R
=
LOAD
NoLoad
10
100
1k
10k
100k
Frequency(Hz)
1
0.1
0.01
0.001
0.0001
G=+1
V
=5V
OUT
P
R
=
LOAD
10W
R
=
LOAD
5W
R
=
LOAD
60W
R
=
LOAD
NoLoad
1k
100
10
1
1k
100
10
1
10
100
1k
10k
100k
Frequency(Hz)
V = 12V
S
±
VoltageNoise
CurrentNoise
10k
1k
100
10
1
1
10
100
1k
10k
100k
1M
10M
100M
Frequency(Hz)
I
=0Adc
OUT
OPA564
www.ti.com
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
At TCASE = +25°C, VS = ±12V, RLOAD = 20kΩ to GND, RSET = 7.5kΩ, and E/S pin enabled, unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE vs AMPLITUDE
TOTAL HARMONIC DISTORTION + NOISE vs FREQUENCY
Figure 19.
Figure 20.
TOTAL HARMONIC DISTORTION + NOISE vs FREQUENCY
TOTAL HARMONIC DISTORTION + NOISE vs FREQUENCY
Figure 21.
Figure 22.
INPUT VOLTAGE SPECTRAL NOISE AND
CURRENT NOISE vs FREQUENCY
OPEN-LOOP OUTPUT IMPEDANCE (No Load)
Figure 23.
Figure 24.
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com