Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 142 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 142 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RJLE-TR Datasheet HTML 138Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 139Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 140Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 141Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 142Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 143Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 144Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 145Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 146Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
142
Rev A15
08/05/2024
8.47 READ BANK ADDRESS REGISTER OPERATION (RDBR: 16h/C8h)
The Read Bank Address Register (RDBR) instruction allows the Bank Address Register contents to be read. RDBR
is used to read only a volatile Bank Address Register.
The instruction code is first shifted in. Then the 8-bit Bank Register is shifted out. It is possible to read the Bank
Address Register continuously by providing multiples of eight bits. The maximum operating clock frequency for the
RDBR command is the same with Fast Read Operation.
Data is shifted in from SI and data is shifted out from SO in SPI sequence whereas data in and out is via four pins
(IO0-IO3) in QPI sequence.
Figure 8.108 Read Bank Address Register Sequence In SPI Mode
Instruction = 16h/C8h
7
CE #
SCK
SI
3
2
SO
1
0
Data Out
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
tV
Figure 8.109 Read Bank Address Register Sequence In QPI Mode
16h/C8h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
tV
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com