Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RJLE-TR Datasheet(PDF) 146 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RJLE-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RJLE-TR Datasheet(HTML) 146 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RJLE-TR Datasheet HTML 142Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 143Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 144Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 145Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 146Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 147Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 148Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 149Page - Integrated Silicon Solution, Inc IS25LP256D-RJLE-TR Datasheet HTML 150Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
146
Rev A15
08/05/2024
8.51 READ DYB OPERATION (RDDYB, FAh or 4RDDYB, E0h)
FAh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
• FAh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
• E0h is followed by a 4-byte address (A31-A0)
The instruction is used to read Dynamic Protection Bit (DYB) status of the given sector/block. The instruction code
is entered first, followed by the 24-bit or 32-bit address selecting location zero within the desired sector/block as
above. Then the 8-bit DYB access register contents are shifted out. Each bit (SPI) or four bits (QPI) are shifted out
at the SCK frequency by the falling edge of the SCK signal. It is possible to read the same DYB access register
continuously by providing multiples of eight bits. The address of the DYB register does not increment so this is not
a means to read the entire DYB array. Each location must be read with a separate Read DYB instruction. The
maximum operating clock frequency for READ command is the same with Fast Read Operation.
Note: The high order address bits not used by 256M/128M must be zero. Data must be either 00h (protected) or FFh
(unprotected).
Figure 8.116 Read DYB Sequence In SPI Mode (FAh [EXTADD=0], 3-byte address)
Instruction = FAh
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
34
35
36
37
38
39
Mode 3
Mode 0
3-byte Address
tV
7
3
2
1
0
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com