Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G79YFPR Datasheet(PDF) 17 Page - Texas Instruments

Part # SN74AUP2G79YFPR
Description  LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AUP2G79YFPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN74AUP2G79YFPR Datasheet HTML 13Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 14Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 15Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 16Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 17Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 18Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 19Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 20Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
8X (0.85)
8X (0.3)
6X (0.5)
(3.1)
(R0.05) TYP
VSSOP - 0.9 mm max height
DCU0008A
SMALL OUTLINE PACKAGE
4225266/A 09/2014
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 25X
SYMM
SYMM
1
4
5
8
SEE SOLDER MASK
DETAILS
15.000
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED METAL
EXPOSED METAL
SOLDER MASK DETAILS
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com