Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G79YFPR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AUP2G79YFPR
Description  LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AUP2G79YFPR Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUP2G79YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SN74AUP2G79
www.ti.com
SCES755C – DECEMBER 2009 – REVISED JULY 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
4.6
V
VO
Output voltage range in the high or low state(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±50
mA
DCU package
220
DQE package
261
θJA
Package thermal impedance(3)
°C/W
RSE package
253
YFP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74AUP2G79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com