Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G79YFPR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AUP2G79YFPR
Description  LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AUP2G79YFPR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP2G79YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SN74AUP2G79
www.ti.com
SCES755C – DECEMBER 2009 – REVISED JULY 2012
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –20 μA
0.8 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –1.1 mA
1.1 V
0.75 × VCC
0.7 × VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
VOH
V
IOH = –2.3 mA
2.05
1.97
2.3 V
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 μA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3 × VCC
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
II
A or B input VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
μA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
μA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
μA
VI = GND or
ICC
(VCC to 3.6 V),
0.8 V to 3.6 V
0.5
0.9
μA
IO = 0
VI = VCC – 0.6 V
(1),
ΔICC
3.3 V
40
50
μA
IO = 0
0 V
1.5
Ci
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = GND
0 V
3
pF
(1)
One input at VCC – 0.6 V, other input at VCC or GND
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUP2G79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com