Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G79YFPR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AUP2G79YFPR
Description  LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AUP2G79YFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AUP2G79YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 9Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 10Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 11Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 12Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
VM
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
1 MΩ
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Output
VM
VM
VM
VM
VM
5, 10, 15, 30 pF
VCC/2
VCC
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
CL
VM
VI
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
th
tsu
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
SN74AUP2G79
www.ti.com
SCES755C – DECEMBER 2009 – REVISED JULY 2012
PARAMETER MEASUREMENT INFORMATION
(Propagation Delays, Setup and Hold Times, and Pulse Width)
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, for
propagation delays tr/tf = 3 ns, for setup and hold times and pulse width tr/tf = 1.2 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLH and tPHL are the same as tpd.
F.
All parameters and waveforms are not applicable to all devices.
Figure 3. Load Circuit and Voltage Waveforms
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AUP2G79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com