Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G79YFPR Datasheet(PDF) 22 Page - Texas Instruments

Part # SN74AUP2G79YFPR
Description  LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AUP2G79YFPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN74AUP2G79YFPR Datasheet HTML 17Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 18Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 19Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 20Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 21Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 22Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 23Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 24Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.6
0.5
0.05
0.00
2X
1
4X 0.5
6X
0.4
0.3
4X
0.3
0.2
2X
0.45
0.35
2X
0.25
0.15
2X
0.35
0.25
B
1.55
1.45
A
1.55
1.45
(0.12)
TYP
UQFN - 0.6 mm max height
RSE0008A
PLASTIC QUAD FLATPACK - NO LEAD
4220323/B 03/2018
PIN 1 INDEX AREA
SEATING PLANE
0.05 C
1
3
4
8
0.1
C A B
0.05
C
5
7
SYMM
SYMM
0.1
C A B
0.05
C
PIN 1 ID
(45 X 0.1)
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
0.1
C A B
0.05
C
SCALE 7.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com