Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G79YFPR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUP2G79YFPR
Description  LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AUP2G79YFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP2G79YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 9Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SN74AUP2G79
SCES755C – DECEMBER 2009 – REVISED JULY 2012
www.ti.com
TIMING REQUIREMENTS
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 4)
TA = –40°C
TA = 25°C
to 85°C
VCC
UNIT
TYP
MIN
MAX
0.8 V
20
1.2 V ± 0.1 V
80
1.5 V ± 0.1 V
100
fclock
Clock frequency
MHz
1.8 V ± 0.15 V
140
2.5 V ± 0.2 V
210
3.3 V ± 0.3 V
260
0.8 V
4.8
1.2 V ± 0.1 V
2.2
1.5 V ± 0.1 V
1.5
tw
Pulse duration, CLK high or low
ns
1.8 V ± 0.15 V
1.6
2.5 V ± 0.2 V
1.7
3.3 V ± 0.3 V
1.9
0.8 V
2.9
4.2
1.2 V ± 0.1 V
1.4
1.5 V ± 0.1 V
1
Data high
1.8 V ± 0.15 V
0.9
2.5 V ± 0.2 V
0.7
3.3 V ± 0.3 V
0.6
tsu
Setup time before CLK
↑
ns
0.8 V
3.5
5.3
1.2 V ± 0.1 V
1.8
1.5 V ± 0.1 V
1.2
Data low
1.8 V ± 0.15 V
1.1
2.5 V ± 0.2 V
1
3.3 V ± 0.3 V
1
0.8 V
0
0
1.2 V ± 0.1 V
0
1.5 V ± 0.1 V
0
th
Hold time, data after CLK
↑
ns
1.8 V ± 0.15 V
0
2.5 V ± 0.2 V
0
3.3 V ± 0.3 V
0
6
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com