Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G79YFPR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AUP2G79YFPR
Description  LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AUP2G79YFPR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP2G79YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP2G79YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN74AUP2G79
SCES755C – DECEMBER 2009 – REVISED JULY 2012
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VCC = 0.8 V
VCC
VCC = 1.1 V to 1.95 V
0.65 × VCC
VIH
High-level input voltage
V
VCC = 2.3 V to 2.7 V
1.6
VCC = 3 V to 3.6 V
2
VCC = 0.8 V
0
VCC = 1.1 V to 1.95 V
0.35 × VCC
VIL
Low-level input voltage
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.9
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–20
μA
VCC = 1.1 V
–1.1
VCC = 1.4 V
–1.7
IOH
High-level output current
VCC = 1.65
–1.9
mA
VCC = 2.3 V
–3.1
VCC = 3 V
–4
VCC = 0.8 V
20
μA
VCC = 1.1 V
1.1
VCC = 1.4 V
1.7
IOL
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com