Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 55Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 56Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 57Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 58Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 59Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 60Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 61Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 62Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 185 page
background image
DS14736 Rev 1
59/185
STM32WBA6xxx
Functional overview
69
3.29
Real-time clock (RTC)
The real-time clock (RTC) is an independent BCD timer/counter. The RTC provides a time-
of-day clock/calendar with programmable alarm interrupts.
As long as the VDD supply voltage remains in the operating range, the RTC never stops,
regardless of the device status (Run mode, low-power mode or under reset).
The RTC supports the following features:
•
Calendar with subsecond, seconds, minutes, hours (12 or 24 format), weekday, date,
month, year, in binary-coded decimal (BCD) format
•
Binary mode with 32-bit free-running counter
•
Automatic correction for 28, 29 (leap year), 30, and 31 days of the month
•
Two programmable alarms
•
On-the-fly correction from 1 to 32767 RTC clock pulses. This can be used to
synchronize it with a reference clock
•
Reference clock detection: a more precise second source clock (50 or 60 Hz) can be
used to enhance the calendar precision
•
Digital calibration circuit with 0.95 ppm resolution, to compensate for quartz crystal
inaccuracy
•
Timestamp feature that can be used to save the calendar content. This function can be
triggered by an event on the timestamp pin, or by a tamper event
•
17-bit auto-reload wake-up timer (WUT) for periodic events with programmable
resolution and period
•
TrustZone support:
–
RTC fully securable
–
Alarm A, alarm B, wake-up timer and timestamp individual secure or nonsecure
configuration
–
Alarm A, alarm B, wake-up timer and timestamp individual privileged protection
The RTC is supplied from the VDD supply.
The RTC clock sources can be one of the following:
•
LSE, used as 32.768 kHz external crystal oscillator
•
LSE, with external resonator or oscillator
•
LSI, internal low-power RC oscillator (with typical frequency of 32 kHz)
•
HSE32, high-speed external clock divided by a prescaler in the RCC.
The RTC is functional in all low-power modes when it is clocked by the LSE or LSI.
All RTC events (alarm, wake-up timer, timestamp) can generate an interrupt and wake up
the device from the low-power modes.
3.30
Tamper and backup registers (TAMP)
The anti-tamper detection circuit is used to protect sensitive data from external attacks. 32
32-bit backup registers are retained in all low-power modes. The backup registers, as well
as other secrets in the device, are protected by this anti-tamper detection circuit with six
tamper pins and nine internal tampers. The external tamper pins can be configured for level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com