Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 32Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 33Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 34Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 35Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 36Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 37Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 38Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 39Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 185 page
background image
Functional overview
STM32WBA6xxx
36/185
DS14736 Rev 1
•
Standby retention and Standby modes
The Standby mode is used to achieve the lowest power consumption. The internal
regulator is switched off so that the VCORE domain is powered off. The PLL, the HSI16
and the HSE32 crystal oscillators are also switched off. The LSE or LSI is still running.
The RTC and IWDG can remain active.
The BOR always remains active in Standby mode.
The BOR can be configured in ultra-low-power mode to further reduce power
consumption during Standby mode.
The state of each I/O during Standby mode can be retained with internal pull-up,
internal pull-down or floating.
After entering Standby mode, SRAMs and register contents are lost except for registers
in the Backup domain and Standby circuitry. Optionally, the full SRAM1 and/or SRAM2
can be retained in Standby mode, supplied by the low-power regulator (Standby with
RAM retention mode). Also optionally the 2.4 GHz RADIO can be retained in Standby
mode, supplied by the low-power regulator (Standby with 2.4 GHz RADIO retention
mode).
The device exits Standby modes when an external reset (NRST pin), an IWDG event or
reset, WKUP pin event (configurable rising or falling edge), an RTC event occurs
(alarm, periodic wake-up, timestamp), or a tamper detection. The tamper detection can
be raised either due to external pins or due to an internal failure detection.
When in Standby with 2.4 GHz RADIO retention mode also the SLEEP_TIMER can exit
the device from Standby mode.
The system clock after wake-up is HSI16.
PWR background autonomous mode (BAM)
The devices support BAM (background autonomous mode), that allows peripherals to be
functional and autonomous in Stop mode (Stop 0, Stop 1 and Stop 2 modes), so without any
software running.
In Stop 0 modes, the autonomous peripherals are the following: ADC4, LPTIMx (x = 1, 2),
USARTx (x = 1..3), LPUART1, SPIx (x = 1..3), I2Cx (x = 1..4), 2.4 GHz RADIO and
GPDMA1. In this mode the GPDMA1 can be used to transfer data or control peripherals and
access SRAM1 and SRAM2. The ADC4 can also be used to measure temperature. The 2.4
GHz RADIO is only autonomous in Stop 0 range 1.
In Stop 1 mode, the autonomous peripherals are the following: ADC4, LPTIMx (x = 1, 2),
USARTx (x = 1..3), LPUART1, SPIx (x = 1..3), I2Cx (x = 1..4). These peripherals can
request a transition to Stop 0 mode allowing then data transfers with GPDMA1.
In Stop 2 mode, the autonomous peripherals are the following: LPTIM1, LPUART1, SPI3,
I2C3. These peripherals can request a transition to Run mode allowing then data transfers.
Those peripherals support the features detailed below:
•
Functionality in Stop mode thanks to its own independent clock (named kernel clock)
request capability: the peripheral kernel clock is automatically switched on when
requested by a peripheral, and automatically switched off when no peripheral
requests it.
•
DMA transfers supported in Stop 0 mode thanks to system clock request capability: the
system clock (HSI16) automatically switched on when requested by a peripheral, and
automatically switched off when no peripheral requests it. When the system clock is
requested by an autonomous peripheral, Stop 0 mode is automatically entered and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com