Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 20Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 21Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 22Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 23Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 24Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 25Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 26Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 27Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 185 page
background image
Functional overview
STM32WBA6xxx
24/185
DS14736 Rev 1
•
Interrupts:
–
NVIC: All interrupts are secure after reset. NVIC is banked for secure and
nonsecure state.
–
TZIC: All illegal access interrupts are disabled after reset.
3.8
Boot modes
At startup, a BOOT0 pin, nBOOT0 and NSBOOTADDx[24:0] (x = 0, 1), and
SECBOOTADD0[24:0] option bytes are used to select the boot memory address that
includes:
•
Boot from any address in user flash memory
•
Boot from system memory bootloader
•
Boot from any address in embedded SRAM
•
Boot from RSS (root security services)
The BOOT0 value comes from the PH3-BOOT0 pin or from an option bit, depending upon
the value of a user option bit to free the GPIO pad if needed.
The bootloader is located in the system memory, programmed by ST during production. It is
used to program the flash memory by using USART, I2C, SPI or USB OTG in device mode.
The bootloader is available on all devices. Refer to AN2606 STM32 microcontroller system
memory boot mode, available on www.st.com, for more details.
The RSS are embedded in the flash memory area named secure information block,
programmed during ST production. For example, the RSS enables the SFI (secure firmware
installation), thanks to the RSSe (RSS extension firmware). This feature allows the
customers to produce the confidentiality of the firmware to be provisioned into the STM32,
when production is subcontracted to untrusted third party.
The RSS is available on all devices, after enabling the TrustZone through the TZEN option
bit. Refer to AN4992 STM32 MCUs secure firmware install (SFI) overview, available on
www.st.com, for more details.
Refer to Table 6 and Table 7, respectively, for boot modes with TrustZone disabled and
enabled.
Table 6. Boot modes when TrustZone is disabled (TZEN = 0)
nBOOT0
FLASH_
OPTR[27]
BOOT0
pin PH3
nSWBOOT0
FLASH_
OPTR[26]
Boot address
option-bytes
selection
Boot area
ST programmed
default value
-
0
1
NSBOOTADD0[24:0]
Boot address defined by
user option bytes
NSBOOTADD0[24:0]
Flash memory:
0x08000 000
-
1
1
NSBOOTADD1[24:0]
Boot address defined by
user option bytes
NSBOOTADD1[24:0]
System bootloader:
0x0BF9 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com