Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 57Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 58Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 59Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 60Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 61Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 62Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 63Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 64Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 185 page
background image
DS14736 Rev 1
61/185
STM32WBA6xxx
Functional overview
69
3.31
Inter-integrated circuit interface (I2C)
The device embeds up to four I2C, refer to Table 18 for the features implementation.
The I2C bus interface handles communications between the microcontroller and the serial
I2C bus. It controls all I2C bus-specific sequencing, protocol, arbitration and timing.
The I2C peripheral supports:
•
I2C-bus specification and user manual rev. 5 compatibility:
–
Controller and target modes, multicontroller capability
–
Standard-mode (Sm), with a bit rate up to 100 Kbit/s
–
Fast-mode (Fm), with a bit rate up to 400 Kbit/s
–
Fast-mode Plus (Fm+), with a bit rate up to 1 Mbit/s and 20 mA output drive I/Os
–
7-bit and 10-bit addressing mode, multiple 7-bit slave addresses
–
Programmable setup and hold times
–
Optional clock stretching
•
System management bus (SMBus) specification rev 3.0 compatibility:
–
Hardware packet error checking (PEC) generation and verification with ACK
control
–
Address resolution protocol (ARP) support
–
SMBus alert
•
Power system management protocol (PMBus) specification rev 1.3 compatibility
•
Independent clock: a choice of independent clock sources allowing the I2C
communication speed to be independent from the PCLK reprogramming
•
Autonomous functionality in Stop modes with wake-up from Stop capability
•
Programmable analog and digital noise filters
•
1-byte buffer with DMA capability
Table 18. I2C implementation
I2C features(1)
1. X: supported
I2C1
I2C2
I2C3
I2C4
Standard-mode (up to 100 Kbit/s)
X
X
X
X
Fast-mode (up to 400 Kbit/s)
X
X
X
X
Fast-mode Plus with 20 mA output drive I/Os (up to 1 Mbit/s)
X
X
X
X
Programmable analog and digital noise filters
X
X
X
X
SMBus/PMBus hardware support
X
X
X
X
Independent clock
X
X
X
X
Autonomous in Stop 0, 1 modes with wake-up capability
X
X
X
X
Wake-up capability in Stop 2 mode
-
-
X
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com