Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 27Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 28Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 29Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 30Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 31Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 32Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 33Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 34Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 185 page
background image
DS14736 Rev 1
31/185
STM32WBA6xxx
Functional overview
69
Figure 4. Power supply overview (without SMPS)
During power-up and power-down phases, the following power sequence requirements
must be respected:
•
When VDD is below 1 V, other power supplies (namely VDDA, VDDIO2, VDDUSB) must
remain below VDD + 300 mV.
•
When VDD is equal to or above 1 V, other power supplies are independent.
•
During the power-down phase, VDD can temporarily become lower than other supplies
only if the energy provided to the MCU remains below 1 mJ. This allows external
decoupling capacitors to be discharged with different time constants during the power-
down transient phase.
MSv56535V1
Core
SRAM1
SRAM2
Digital
peripherals
Standby circuitry
Wake-up logic, IWDG
VDDA domain
Backup domain
LDO regulator
I/O ring
VCORE domain
Reset block
Temperature sensor
PLL, internal oscillators
Flash memory
VDDA
VSSA
(3)
VDD domain
VCORE
VSS
(Exposed pad)
(1)
VDD
VCAP
Voltage regulator
VDDRF
VDDRFPA
RADIO domain
VDDHPA
VSSRF
(3)
2.4 GHz RADIO
(1) Exposed pad is available only on QFN packages.
(2) Not available on all packages.
(3) Not available on all packages (when not available connected to VSS pin).
(4) Not available on all packages (when not available connected to VDDA pin).
VREF+
(4)
VSS
LSE crystal 32 kHz oscillator
RTC, TAMP, Backup
registers, RCC_BDCR1
ADC
Comparators
Voltage reference buffer
USB OTG
VDDUSB
(2)
VDDIO2
(2)
I/O2 ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com