Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 22Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 23Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 24Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 25Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 26Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 27Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 28Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 29Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 185 page
background image
Functional overview
STM32WBA6xxx
26/185
DS14736 Rev 1
3.9
Global TrustZone controller (GTZC)
GTZC is used to configure TrustZone and privileged attributes within the full system.
The GTZC includes different sub-blocks:
•
TZSC: TrustZone security controller
Defines the secure/privilege state of slave/master peripherals. The TZSC block informs
some peripherals (such as RCC or GPIO) about the secure status of each securable
peripheral.
•
TZIC: TrustZone illegal access controller
Gathers all security illegal access events in the system and generates a secure
interrupt towards NVIC.
•
MPCBB: block-based memory protection controller
Controls secure states of all memory blocks (512-byte pages) of the associated SRAM.
This peripheral configures the internal RAM in a TrustZone system product having
segmented SRAM with programmable-security and privileged attributes.
The GTZC main features are:
•
Independent 32-bit AHB interfaces for TZSC, TZIC and MPCBB
•
Secure and nonsecure access supported for privileged/unprivileged part of TZSC
•
Set of registers to define product security settings:
–
Secure/privilege access mode for securable peripherals
–
Secure/privilege access mode for securable memories
–
Illegal access interrupt notification
3.10
2.4 GHz RADIO
The 2.4 GHz RADIO is ultra-low-power, operating in the 2.4 GHz ISM band. It provides
Bluetooth LE 1 Mbps coded, 1 Mbps, and 2 Mbps noncoded GFSK, and IEEE802.15.4 chip
rate 2 Mchip/s, spreading mode DSSS, data rate 125 kbps and 250 kbps, O-QPSK-C
modulation. It is compliant with the Bluetooth 5.4, Matter, Thread, and Zigbee specifications,
and with radio regulations including ETSI EN 300 328, EN 300 440, EN 301 489-17, ARIB
STD-T66, FCC CFR47 part 15 section 15.205, 15.209, 15.247 and 15.249, IC RSS-139 and
RSS-210.
Table 8. Boot space versus RDP protection
RDP
TZEN = 1
TZEN = 0
0
Any boot address
Any boot address
0.5
Boot address only in RSS or secure flash memory:
0x0C00 0000 - 0x0C1F FFFF.
Otherwise, forced boot address is 0x0FF8 0000
N/A
1
Any boot address
2
Boot address only in flash memory:
0x0800 0000 - 0x081F FFFF.
Otherwise, forced boot address is: 0x0800 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com