Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 11Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 12Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 13Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 14Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 15Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 16Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 17Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 18Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 185 page
background image
DS14736 Rev 1
15/185
STM32WBA6xxx
Description
69
True random number generator
Yes
SAES, AES
Yes
Public key accelerator (PKA)
Yes
HASH
Yes
Debug ETM
No
Yes
Maximum CPU frequency
100 MHz
Operating temperature
Ambient: -40 to 85 °C / -40 to 105 °C
Junction: -40 to 105 °C / -40 to 125 °C
Operating voltage
1.71 to 3.6 V
Package
UFQFPN48
VFQ
FPN68
UFBGA121
Thin WLCSP88
1.
Active tampers in output sharing mode (one output shared by all inputs).
Table 2. Device features and peripheral counts (continued)
Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com