Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 39Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 40Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 41Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 42Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 43Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 44Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 45Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 46Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 185 page
background image
DS14736 Rev 1
43/185
STM32WBA6xxx
Functional overview
69
A peripheral is in secure state:
•
For securable peripherals, when the corresponding SEC security bit is set in the TZSC
(TrustZone security controller).
•
For TrustZone-aware peripherals, when a security feature of the peripheral is enabled
through dedicated peripheral bits.
3.14
General-purpose input/output (GPIO)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIO pins are shared with digital or analog alternate functions.
After reset, all GPIOs are in analog mode to reduce power consumption.
The I/Os alternate function configuration can be locked, if needed, following a specific
sequence, to avoid spurious writing to the I/Os registers.
The GPIO allows dynamic I/O control in Stop 0 mode thanks to GPDMA1. All I/Os can be
configured and controlled as input or output (open-drain or push-pull depending on GPIO
configuration).
When enabled in the PWR, latest I/Os output level can be retained by pulling the I/Os high
or low before entering Standby mode. I/O levels are retained after exit from Standby mode,
until they are reconfigured by software.
3.14.1
GPIO TrustZone security
Each I/O pin of GPIO port can be individually configured as secure. When the selected I/O
pin is configured as secure, its corresponding configuration bits for alternate function, mode
selection, I/O data are secure against a nonsecure access. The associated registers bit
access is restricted to a secure software only. After reset, all GPIO ports are secure.
3.15
System configuration controller (SYSCFG)
The main purpose of the SYSCFG (system configuration controller) are the following:
•
Managing robustness features
•
Configuring FPU interrupts
•
Enabling/disabling the I2C fast-mode plus (FMP) high-drive mode of some I/Os and
booster for I/Os analog switches
•
Managing the I/O compensation
•
Provides memory erase status
•
Communication channel with the RSS
3.15.1
SYSCFG TrustZone security
When TrustZone security is activated by the TZEN option bit, the SYSCFG is switched in
TrustZone security mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com