Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 120Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 121Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 122Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 123Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 124Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 125Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 126Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 127Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
124/185
DS14736 Rev 1
r
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up or pull-down generate current consumption when the
pin is externally held to the opposite level. The value of this current consumption can be
simply computed by using the pull-up/pull-down resistors values given in Section 5.3.17.
For the output pins, any internal or external pull-up or pull-down and external load must also
be considered to estimate the current consumption.
An additional current consumption is due to I/Os configured as inputs when an intermediate
voltage level is applied externally. This is caused by the input Schmitt trigger circuits used to
discriminate the input value. Unless this specific configuration is required by the application,
this supply current consumption can be avoided by configuring these I/Os in analog mode.
This is the case of ADC input pins, which must be configured as analog inputs.
IDD(Standby
with RTC)
Supply current in Standby
mode, no IWDG, RTC
enabled
Clocked by LSI1,
ULPMEN = 0
1.8 V
1.45
1.71
2.75
μA
2.4 V
1.87
2.15
3.22
3.0 V
2.33
2.72
4.04
3.3 V
2.70
3.24
4.83
3.6 V
3.38
4.26
6.20
Clocked by
LSI1/128,
ULPMEN = 0
1.8 V
1.33
1.59
2.62
2.4 V
1.69
1.96
3.04
3.0 V
2.09
2.48
3.80
3.3 V
2.42
2.97
4.56
3.6 V
3.08
3.95
5.89
Clocked by LSE
bypass
32.768 kHz,
ULPMEN = 0
1.8 V
1.69
2.05
3.31
2.4 V
2.09
2.47
3.81
3.0 V
2.54
3.04
4.69
3.3 V
2.91
3.59
5.57
3.6 V
3.60
4.66
7.13
Clocked by LSE
crystal
32.768 kHz in
medium low-
drive,
ULPMEN = 0
1.8 V
1.74
2.06
3.40
2.4 V
2.14
2.48
3.47
3.0 V
2.60
3.06
4.29
3.3 V
2.99
3.61
5.10
3.6 V
3.73
4.66
6.56
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 54. Current consumption in Standby mode(1) (continued)
Symbol
Parameter
Conditions
Typ
Unit
-
VDD
25 °C
55 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com