Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 142Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 143Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 144Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 145Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 146Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 147Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 148Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 149Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
146/185
DS14736 Rev 1
Figure 26. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) maximum level specified
in Table 79, or the reset is not taken into account by the device.
3. The external capacitor on NRST must be placed as close as possible to the device.
5.3.19
Extended interrupt and event controller input (EXTI) characteristics
Pulses on the extended interrupt and event controller inputs must have a minimal length, to
guarantee they are detected.
5.3.20
Wake-up pin (WKUP) characteristics
Pulses on the wake-up pin inputs must have a minimal length, to ensure their detection.
5.3.21
Analog switch booster
MS19878V3
RPU
VDD
Internal reset
External
reset circuit
(1)
NRST
(2)
Filter
0.1 μF
(3)
Table 80. EXTI input characteristics(1)
1. Specified by design, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
t(EXTI)
Pulse length to event controller
-
20
-
-
ns
Table 81. WKUP input characteristics(1)
1. Specified by design, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
t(WKUP)
Pulse length to wake up
-
20
-
-
ns
Table 82. Analog switches booster characteristics(1)
1. Specified by design, not tested in production.
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
1.6
1.8
3.6
V
tSU(BOOST)
Booster startup time
-
-
50
µs
IDD(BOOST)
Booster consumption
-
-
125
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com