Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 154Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 155Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 156Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 157Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 158Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 159Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 160Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 161Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
158/185
DS14736 Rev 1
5.3.28
I2C interface characteristics
The I2C interface meets the timings requirements of the I2C-bus specification and user
manual rev. 03 for:
•
Standard-mode (Sm): bit rate up to 100 kbit/s
•
Fast-mode (Fm): bit rate up to 400 kbit/s
•
Fast-mode Plus (Fm+): bit rate up to 1 Mbit/s.
The I2C timings requirements are specified by design, not tested in production, when the
I2C peripheral is properly configured (refer to product reference manual).
The SDA and SCL I/O requirements are met with the following restriction: the SDA and SCL
I/O pins are not “true” open-drain. When configured as open-drain, the PMOS connected
between the I/O pin and VDD is disabled, but is still present. Only FT_f I/O pins support Fm+
low level output current maximum requirement. Refer to Section 5.3.17 for I2C I/O
characteristics.
All I2C SDA and SCL I/Os embed an analog filter, refer to Table 93 for its characteristics.
Table 92. WWDG min/max timeout value at 100 MHz (PCLK)
Prescaler divider
WDGTB[2:0]
Min timeout value
Max timeout value
Unit
/1
0
0.040
1.621
ms
/2
1
0.081
5.242
/4
2
0.163
10.485
/8
3
0.327
20.971
/16
4
0.655
41.943
/32
5
1.310
83.886
/64
6
2.621
167.772
/128
7
5.242
335.544
Table 93. I2C analog filter characteristics(1)
1. Specified by design, not tested in production.
Symbol
Parameter
Min
Max
Unit
tAF
Maximum pulse width of spikes suppressed by the analog filter
50(2)
2. Spikes with widths below tAF min are filtered.
190(3)
3. Spikes with widths above tAF max are not filtered.
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com