Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 163 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 163 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 159Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 160Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 161Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 162Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 163Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 164Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 165Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 166Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 185 page
background image
DS14736 Rev 1
163/185
STM32WBA6xxx
Electrical characteristics
169
Figure 36. SPI timing diagram - Slave mode and CPHA = 1
Figure 37. SPI timing diagram - Master mode
5.3.31
SAI characteristics
Unless otherwise specified, the parameters given in Table 96 are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 30, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
I/O compensation cell activated
•
Measurement points are done at CMOS levels: 0.5 VDD
MSv41659V2
th(SI)
tc(SCK)
tw(SCKH)
tw(SCKL)
tsu(NSS)
ta(SO)
tv(SO)
th(NSS)
tdis(SO)
tsu(SI)
NSS input
CPHA=1
CPOL=0
CPHA=1
CPOL=1
MISO output
MOSI input
First bit OUT
Next bits OUT
Last bit OUT
First bit IN
Last bit IN
Next bits IN
th(SO)
ai14136e
th(MI)
tc(SCK)
tw(SCKH)
tw(SCKL)
tsu(MI)
NSS input
CPHA=0
CPOL=0
CPHA=0
CPOL=1
MOSI output
MISO input
First bit OUT
Last bit OUT
Next bits OUT
First bit IN
Last bit IN
Next bits IN
CPHA=1
CPOL=0
CPHA=1
CPOL=1
High
tv(MO)
th(MO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com