Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 168Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 169Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 170Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 171Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 172Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 173Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 174Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 175Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 185 page
background image
Package information
STM32WBA6xxx
172/185
DS14736 Rev 1
Figure 43. UFQFPN48 – Footprint example
1. Dimensions are expressed in millimeters.
Table 102. UFQFPN48 – Mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
A3
-
0.152
-
-
0.0060
-
b
0.200
0.250
0.300
0.0079
0.0098
0.0118
D(2)
2. Dimensions D and E do not include mold protrusion, not exceed 0.15 mm.
6.900
7.000
7.100
0.2717
0.2756
0.2795
D1
5.400
5.500
5.600
0.2126
0.2165
0.2205
D2(3)
3. Dimensions D2 and E2 are not in accordance with JEDEC.
5.500
5.600
5.700
0.2165
0.2205
0.2244
E(2)
6.900
7.000
7.100
0.2717
0.2756
0.2795
E1
5.400
5.500
5.600
0.2126
0.2165
0.2205
E2(3)
5.500
5.600
5.700
0.2165
0.2205
0.2244
e
-
0.500
-
-
0.0197
-
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
ddd
-
-
0.080
-
-
0.0031
7.30
7.30
0.20
0.30
0.55
0.50
5.80
6.20
6.20
5.60
5.60
5.80
0.75
A0B9_UFQFPN48_FP_V3
48
1
12
13
24
25
36
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com