Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 182 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 182 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 177Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 178Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 179Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 180Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 181Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 182Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 183Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 184Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 185Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 182 / 185 page
background image
Ordering information
STM32WBA6xxx
182/185
DS14736 Rev 1
7
Ordering information
For a list of available options, or for further information on any aspect of this device, contact
your nearest ST sales office.
Example:
STM32
WB
A65 C
I
U
6
TR
Device family
STM32 = Arm® based 32-bit microcontroller
Product type
WB = Wireless Bluetooth®
Device subfamily
A62 = Die A6, reduced set of features
A63 = Die A6, crossover SMPS
A64 = Die A6, full set of features LDO
A65 = Die A6, full set of features SMPS
Pin count
C = 48 pins
R = 68 pins
M = 88 pins
P = 121 pins
Flash memory size
I = 2 Mbytes
G = 1 Mbyte
Package
U = UFQFPN
V = VFQFPN
F = Thin WLCSP
I = UFBGA
Temperature range
6 = Industrial temperature range, -40 to 85 °C (105 °C junction)
7 = Industrial temperature range, -40 to 105 °C (125 °C junction)
Packing
TR = tape and reel
xxx = programmed parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com