Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5611BCCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADF5611BCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611BCCZ Datasheet(HTML) 3 Page - Analog Devices

  ADF5611BCCZ Datasheet HTML 1Page - Analog Devices ADF5611BCCZ Datasheet HTML 2Page - Analog Devices ADF5611BCCZ Datasheet HTML 3Page - Analog Devices ADF5611BCCZ Datasheet HTML 4Page - Analog Devices ADF5611BCCZ Datasheet HTML 5Page - Analog Devices ADF5611BCCZ Datasheet HTML 6Page - Analog Devices ADF5611BCCZ Datasheet HTML 7Page - Analog Devices ADF5611BCCZ Datasheet HTML 8Page - Analog Devices ADF5611BCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Data Sheet
ADF5611
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 48
AVDD = DVDD = 3.3V ± 5%, VDDLS, VPPCP, RVDD, VCCPD, VCCPS, and VCCHF = 3.3V ± 5%, VDD1, VDD2, and VDD3 = 3.3V ± 5%,
VCOVCC = 5.0V ± 5%, and GND = 0V for the minimum and maximum specifications across the −40°C to +85°C temperature range, unless
otherwise noted.
Table 1. Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
RF OUTPUT CHARACTERISTICS
RFOUT Frequency
fOUT
7300
14,600
MHz
VCO Frequency at PLL Input
fVCO
3650
7300
MHz
PDIV_OUT and NDIV_OUT
Frequency Range
fOUT_DIV
57
14,600
MHz
OUTPUT POWER
RFOUT Power
PRFOUT
6
dBm
7,300MHz to 10,500MHz, RFOUT_PWR = 3
2
dBm
10,500MHz to 14,600MHz, RFOUT_PWR = 0
RFOUT Power Control Range
3
dB
Power range from RFOUT_PWR = 0 to 3
RFOUT Power Variation vs.
Temperature
±1
dB
RFOUT Power Variation vs.
Frequency
±2
dB
PDIV_OUT and NDIV_OUT Power
PO_DIV
3
dBm
Single-ended, DIV_PWR = 3
6
dBm
Differential, DIV_PWR = 3
PDIV_OUT and NDIV_OUT Control
Range
9
dB
Single-ended, power range from DIV_PWR = 0 to 3
9
dB
Differential, power range from DIV_PWR = 0 to 3
HARMONICS (RFOUT)
½ Harmonic
−25
dBc
1.5 Harmonic
−30
dBc
Second Harmonic
−30
dBc
2.5 Harmonic
−45
dBc
Third Harmonic
−30
dBc
HARMONICS (PDIV_OUT and
NDIV_OUT)
Single-Ended
½ Harmonic
−25
dBc
Fundamental feed through
Second Harmonic
−26
dBc
Push-push feed through
Third Harmonic
−24
dBc
Differential
½ Harmonic
−25
dBc
Fundamental feed through
−90
dBc
Push-push feed through
Second Harmonic
−31
dBc
Third Harmonic
−24
dBc
VCO Supply Pushing (VDD1)1
67
MHz/V
RFOUT (VT = 1.65V)
VCO Supply Pushing (VCOVCC)1
1.0
MHz/V
RFOUT (VT = 1.65V)
VCO Load Pulling (2.0:1)2
1.0
MHz p‑p
RFOUT (VT = 1.65V)
VCO Frequency Drift
RFOUT (VT = 1.65V)
0.54
MHz/°C
Operating at 7.3GHz
1.09
MHz/°C
Operating at 14.6GHz
REFERENCE INPUT
CHARACTERISTICS
XREFP Input Frequency
fREF
10
50
350
MHz
Refer to the Reference Input section
XREFP Input Level
0.4
3.5
V p-p
Refer to the Reference Input section
XREFP Input Capacitance
6.9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com