Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5611BCCZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADF5611BCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611BCCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADF5611BCCZ Datasheet HTML 40Page - Analog Devices ADF5611BCCZ Datasheet HTML 41Page - Analog Devices ADF5611BCCZ Datasheet HTML 42Page - Analog Devices ADF5611BCCZ Datasheet HTML 43Page - Analog Devices ADF5611BCCZ Datasheet HTML 44Page - Analog Devices ADF5611BCCZ Datasheet HTML 45Page - Analog Devices ADF5611BCCZ Datasheet HTML 46Page - Analog Devices ADF5611BCCZ Datasheet HTML 47Page - Analog Devices ADF5611BCCZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Data Sheet
ADF5611
REGISTER MAP
analog.com
Rev. 0 | 46 of 48
Table 98. Bit Descriptions for REG0101
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
REG101_RSV5
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
4
REG101_RSV4
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
3
REG101_RSV3
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
2
REG101_RSV2
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
1
REG101_RSV1
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
0
REG101_RSV0
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
Address: 0x102, Reset: 0x00, Name: REG0102
Table 99. Bit Descriptions for REG0102
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
REG102_RSV5
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
4
REG102_RSV4
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
3
REG102_RSV3
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
2
REG102_RSV2
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
1
REG102_RSV1
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
0
REG102_RSV0
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
Address: 0x103, Reset: 0x00, Name: REG0103
Table 100. Bit Descriptions for REG0103
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
REG103_RSV5
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
4
REG103_RSV4
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
3
REG103_RSV3
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
2
REG103_RSV2
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
1
REG103_RSV1
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
0
REG103_RSV0
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
Address: 0x104, Reset: 0x00, Name: REG0104
Table 101. Bit Descriptions for REG0104
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
REG104_RSV5
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
4
REG104_RSV4
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
3
REG104_RSV3
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
2
REG104_RSV2
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
1
REG104_RSV1
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
0
REG104_RSV0
Reserved. Table 16 (the register map) provides the reserved register settings.
0x0
R/W
Address: 0x105, Reset: 0x00, Name: REG0105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com