Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5611BCCZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADF5611BCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611BCCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF5611BCCZ Datasheet HTML 16Page - Analog Devices ADF5611BCCZ Datasheet HTML 17Page - Analog Devices ADF5611BCCZ Datasheet HTML 18Page - Analog Devices ADF5611BCCZ Datasheet HTML 19Page - Analog Devices ADF5611BCCZ Datasheet HTML 20Page - Analog Devices ADF5611BCCZ Datasheet HTML 21Page - Analog Devices ADF5611BCCZ Datasheet HTML 22Page - Analog Devices ADF5611BCCZ Datasheet HTML 23Page - Analog Devices ADF5611BCCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Data Sheet
ADF5611
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 48
Figure 46. Common Clock Interface: Single-Ended Clock with End
Termination (ZO = 50 Ω)
Figure 47. Output Interface Schematic
Feedback Divider (N)
The feedback divider provides a division ratio in the PLL feedback
path. The division ratio consists of a 20-bit N_INT (Register 0x010
to Register 0x012), a 25-bit FRAC1WORD (Register 0x012 to Reg-
ister 0x015), a 24-bit FRAC2WORD (Register 0x017 to Register
0x019), and a 24-bit MOD2WORD (Register 0x01A to Register
0x01C) bit field values that this divider comprises together with the
fixed modulus MOD1WORD (225).
Reference Input
The reference signal of the PLL is input through XREFP, which
operates as a single-ended input. This high impedance input is self
biased and requires AC-coupling (refer to Figure 48 for a simplified
schematic of the reference input stage). The reference signal input
on the XREFP is enabled by configuring the PD_RDIV bit (Register
0x027, Bit 6) to 0. In this case, SW1 and SW2 are closed, and SW3
is open.
The slew rate of the input reference signal significantly affects
the performance. The device is functional with signals as low as
0.4V p-p amplitude. However, to achieve optimal performance and
the in-band phase noise performance of the ADF5611, apply a
continuous sine-wave signal or a square-wave signal with a slew
rate of at least 500V/µs. Achieving this slew rate with sinusoidal
waves requires high amplitudes and may not be possible at low
frequencies. For a frequency input of 10MHz, a square wave is
required. A high performance square wave signal with a high slew
rate is recommended as the reference input signal to achieve
the best performance. See Figure 49 for reference input signal
requirements and interfacing.
Figure 48. Reference Input Stage
Figure 49. Reference Input Source
Reference Divider
The reference path R divider, R_DIV (Register 0x01F, Bits[7:0] and
Register 0x20, Bits[5:0], respectively), is based on a 14-bit counter.
This divider is used to reduce the frequency seen at the PFD, and
its divide ratio (R) can be set to any integer from 1 to 16,383,
inclusive. Use the R_DIV bits to directly program the R divide ratio.
Phase and Frequency Detector (PFD)
The PFD, in conjunction with the charge pump, produces source
and sink current pulses proportional to the phase difference be-
tween the outputs of the reference divider or reference doubler
and feedback divider. These source and sink pulses are required
to phase lock the loop, forcing a phase alignment at the inputs of
the PFD. The PFD includes a fixed delay element that sets the
width of the antibacklash pulse. This pulse ensures that there is no
dead zone in the PFD transfer function and provides a consistent
reference spur level. Set the phase detector polarity to positive on
this device because of the positive tuning of the VCO. See Figure
50 for a simplified schematic of the PFD.
Figure 50. Simplified PFD Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com