Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5611BCCZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADF5611BCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611BCCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADF5611BCCZ Datasheet HTML 40Page - Analog Devices ADF5611BCCZ Datasheet HTML 41Page - Analog Devices ADF5611BCCZ Datasheet HTML 42Page - Analog Devices ADF5611BCCZ Datasheet HTML 43Page - Analog Devices ADF5611BCCZ Datasheet HTML 44Page - Analog Devices ADF5611BCCZ Datasheet HTML 45Page - Analog Devices ADF5611BCCZ Datasheet HTML 46Page - Analog Devices ADF5611BCCZ Datasheet HTML 47Page - Analog Devices ADF5611BCCZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Data Sheet
ADF5611
REGISTER MAP
analog.com
Rev. 0 | 44 of 48
Table 83. Bit Descriptions for REG0042
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED
Reserved.
0x0
R/W
Address: 0x043, Reset: 0x00, Name: REG0043
Table 84. Bit Descriptions for REG0043
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED
Reserved.
0x0
R/W
Address: 0x044, Reset: 0x00, Name: REG0044
Table 85. Bit Descriptions for REG0044
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
ADC_ST_CNV
Writes this bit to start an ADC conversion.
0x0
R/W
Address: 0x045, Reset: 0x00, Name: REG0045
Table 86. Bit Descriptions for REG0045
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED[7:0]
Reserved.
0x0
R
Address: 0x046, Reset: 0x00, Name: REG0046
Table 87. Bit Descriptions for REG0046
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED[15:8]
Reserved.
0x0
R
Address: 0x047, Reset: 0x00, Name: REG0047
Table 88. Bit Descriptions for REG0047
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED[23:16]
Reserved.
0x0
R
Address: 0x048, Reset: 0x00, Name: REG0048
Table 89. Bit Descriptions for REG0048
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
2
ADC_BUSY
1 = ADC conversion in progress.
0x0
R
1
FSM_BUSY
1 = VCO calibration in progress.
0x0
R
0
LOCKED
Lock Detector Output.
0x0
R
Address: 0x049, Reset: 0x00, Name: REG0049
Table 90. Bit Descriptions for REG0049
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
VCO_BIAS
VCO bias is selected.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com