Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5611BCCZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADF5611BCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611BCCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF5611BCCZ Datasheet HTML 28Page - Analog Devices ADF5611BCCZ Datasheet HTML 29Page - Analog Devices ADF5611BCCZ Datasheet HTML 30Page - Analog Devices ADF5611BCCZ Datasheet HTML 31Page - Analog Devices ADF5611BCCZ Datasheet HTML 32Page - Analog Devices ADF5611BCCZ Datasheet HTML 33Page - Analog Devices ADF5611BCCZ Datasheet HTML 34Page - Analog Devices ADF5611BCCZ Datasheet HTML 35Page - Analog Devices ADF5611BCCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Data Sheet
ADF5611
REGISTER MAP
analog.com
Rev. 0 | 32 of 48
Table 21. Bit Descriptions for REG0004
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Product ID = 0x000B.
0x0
R
Address: 0x005, Reset: 0x00, Name: REG0005
Table 22. Bit Descriptions for REG0005
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[15:8]
Product ID = 0x0000.
0x0
R
Address: 0x006, Reset: 0x00, Name: REG0006
Table 23. Bit Descriptions for REG0006
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED
Reserved.
0x0
R
Address: 0x007, Reset: 0x00, Name: REG0007
Table 24. Bit Descriptions for REG0007
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED
Reserved.
0x0
R
Address: 0x008, Reset: 0x00, Name: REG0008
Table 25. Bit Descriptions for REG0008
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED
Reserved.
0x0
R
Address: 0x009, Reset: 0x00, Name: REG0009
Table 26. Bit Descriptions for REG0009
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED
Reserved.
0x0
R
Address: 0x00A, Reset: 0x00, Name: REG000A
Table 27. Bit Descriptions for REG000A
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCHPAD
SPI SCRATCHPAD.
0x0
R/W
Address: 0x00B, Reset: 0x00, Name: REG000B
Table 28. Bit Descriptions for REG000B
Bits
Bit Name
Description
Reset
Access
[7:0]
SPI_REVISION
SPI Revision = 0x01.
0x0
R
Address: 0x00C, Reset: 0x56, Name: REG000C
Table 29. Bit Descriptions for REG000C
Bits
Bit Name
Description
Reset
Access
[7:0]
VENDOR_ID[7:0]
Vendor ID = 0x0456.
0x56
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com