Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5611BCCZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADF5611BCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611BCCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF5611BCCZ Datasheet HTML 14Page - Analog Devices ADF5611BCCZ Datasheet HTML 15Page - Analog Devices ADF5611BCCZ Datasheet HTML 16Page - Analog Devices ADF5611BCCZ Datasheet HTML 17Page - Analog Devices ADF5611BCCZ Datasheet HTML 18Page - Analog Devices ADF5611BCCZ Datasheet HTML 19Page - Analog Devices ADF5611BCCZ Datasheet HTML 20Page - Analog Devices ADF5611BCCZ Datasheet HTML 21Page - Analog Devices ADF5611BCCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Data Sheet
ADF5611
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 48
INTRODUCTION
A PLL is a complex feedback system that can conceptually be
considered a frequency multiplier. The system multiplies the refer-
ence frequency input at XREFP and outputs a higher frequency at
RFOUT (single-ended output) or at PDIV_OUT or NDIV_OUT (dif-
ferential output). The PFD, charge pump, output divider, feedback
divider, VCO, and external loop filter form a feedback loop to accu-
rately control the output frequency (see Figure 43). When operating
in integer mode, the reference divider sets the frequency resolution.
When operating in fractional mode, the fractional-N divider sets the
frequency resolution.
Figure 43. PLL Loop Diagram
OUTPUT FREQUENCY
When the loop is locked, the fVCO (in Hz) produced at the output of
the VCO is determined by the reference frequency (fREF), reference
division factor (R_DIV), and the N values given by the following
equation:
fVCO= fPFD×N
(1)
where the Feedback Counter N is given by the following:
N=NINT+  FRAC1WORD+FRAC2WORD
MOD2WORD
MOD1WORD
(2)
where:
INT is a 20-bit integer value.
FRAC1WORD is the numerator of the primary modulus (0 to
33554431).
FRAC2WORD is the numerator of the 24-bit auxiliary modulus (0 to
16777215).
MOD2WORD is the programmable, 24-bit auxiliary fractional modu-
lus (2 to 16777215).
MOD1WORD is a 25-bit primary modulus with a fixed value of 225 =
33554432
The fPFD is expressed by the following:
fPFD=fREFRDIV
(3)
The output frequency, fRFOUT, produced at the output channel
RFOUT is given by the following:
fRFOUT= 2 × fVCO
(4)
While the differential output frequency, fDIVOUT, produced at
PDIV_OUT and NDIV_OUT
is expressed by the following:
fDIVOUT= 2×fVCO
2RFOUT_DIV
(5)
RFOUT_DIV refers to the clock output divider, which can divide the
RFOUT from 1 to 128, following a power of 2 progression, see the
RF Output Divider section.
Output Frequency Calculation Procedure
The following is a worked example for a fractional mode fRFOUT
using the formulas in the Output Frequency section.
For fRFOUT = 12.1234GHz and a channel spacing (fCHSP) of 1Hz,
where fREF = fPFD = 100MHz and the reference divider is set
to divide by 1 (R_DIV = 1), the output frequency is within the
fundamental VCO frequency range (fVCO).
The steps to calculate all N-divider component values are outlined
as follows:
1. Calculate the overall N value required based on the fRFOUT and
fPFD provided as follows:
N = fRFOUT2×fPFD
(6)
N= 12.1234GHz
2×100MHz
=60.617
(7)
2. Separate the NINT and NFRAC components as follows:
NINT = INT(N) = 60
(8)
NFRAC= N ‐ NINT = 0.617
(9)
3. Calculate the FRAC1WORD as follows:
NFRAC1WORD  = NFRAC×MOD1WORD (10)
Where MOD1WORD is a fixed value of 225 = 33554432.
NFRAC1WORD = 0.617 × 33554432 = 
20703084.544
(11)
FRAC1WORD= 
INTNFRAC1WORD = 20703084
(12)
FRAC2WORD and MOD2WORD are only required if
NFRAC1WORD is not an integer number. If NFRAC1WORD is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com