Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22650 Datasheet(PDF) 13 Page - Elite Semiconductor Memory Technology Inc.

Part # AD22650
Description  3-Vrms Cap-Less Line Driver with Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD22650 Datasheet(HTML) 13 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD22650 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ESMT
AD22650
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.8
13/24
20
50
100
200
500
1k
2k
5k
10k
20k
f
in
- Input frequency (Hz)
+3
+1
+2
+0
+4
PVDD=3.3V
R =16ohm
P =10mW
+5
+6
50k
100k
200k
+7
+8
+9
+10
L
O
20
50
100
200
500
1k
2k
5k
10k
20k
f
in
- Input frequency (Hz)
+3
+1
+2
+0
+4
PVDD=5V
R =16ohm
P =30mW
+5
+6
50k
100k
200k
+7
+8
+9
+10
L
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com