Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22650 Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # AD22650
Description  3-Vrms Cap-Less Line Driver with Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD22650 Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  AD22650 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ESMT
AD22650
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.8
1/24
3-Vrms Cap-Less Line Driver with Adjustable Gain
Features
Operation Voltage: 3V to 5.5V
Cap-less Output
- Eliminates Output Capacitors
- Improves Low Frequency Response
- Reduces POP/Clicks
Low Noise and THD
- SNR > 102dB
- Typical Vn < 12uVrms
- THD+N < 0.02%
Maximum Output Voltage Swing into 2.5k Load
- 2Vrms at 3.3V Supply Voltage
- 3Vrms at 5V Supply Voltage
Differential Input
External Gain Setting from 1V/V to 10V/V
Fast Start-up Time : 0.5ms
Integrated De-Pop Control
External Under Voltage Protection
Thermal Protection
Less External Components Required
+/-8kV IEC ESD Protection at line outputs
Ordering Information
Applications
LCD / PDP TVs
CD / DVD players
Set-Top Boxes
Home Theater in Box
Description
The AD22650 is a 3-Vrms cap-less stereo line
driver. The device is ideal for single supply
electronics. Cap-less design can eliminate output
dc-blocking capacitors for better low frequency
response and save cost.
The AD22650 is capable of delivering 3-Vrms
output into a 2.5kΩ load with 5V supply. The gain
settings can be set by users from 1V/V to 10V/V
externally. The AD22650 has internal and external
under voltage protection to prevent POP noise.
Build-in shutdown control and de-pop control
sequence also help AD22650 to be a pop-less
device.
The AD22650 is available in a 14-pin TSSOP
package.
Product ID
Package
Packing
Comments
AD22650-QH14NAT
TSSOP-14
96 Units / Tube
100 Tubes / Small Box
Green(HF)
AD22650-QH14NAR
2.5k Units Tape & Reel
Simplified Application Circuit
AD22650
Right Output
Left Output
Right Input
Left Input


Similar Part No. - AD22650

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD22653 ESMT-AD22653 Datasheet
665Kb / 20P
2-Vrms Cap-Less Line Driver with Adjustable Gain
Jan. 2018 Revision: 1.6
AD22653-QH14NAR ESMT-AD22653-QH14NAR Datasheet
665Kb / 20P
2-Vrms Cap-Less Line Driver with Adjustable Gain
Jan. 2018 Revision: 1.6
AD22653-QH14NAT ESMT-AD22653-QH14NAT Datasheet
665Kb / 20P
2-Vrms Cap-Less Line Driver with Adjustable Gain
Jan. 2018 Revision: 1.6
More results

Similar Description - AD22650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632 TI-DRV632 Datasheet
450Kb / 18P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
logo
ON Semiconductor
NCS2632 ONSEMI-NCS2632 Datasheet
209Kb / 15P
NOCAP, Pop-Free, 3 VRMS Audio Line Driver with Adjustable Gain
October, 2013 ??Rev. 4
logo
Texas Instruments
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI1-DRV632 Datasheet
855Kb / 23P
Audio Line Driver With Adjustable Gain
logo
Diodes Incorporated
PAM8100 DIODES-PAM8100 Datasheet
327Kb / 7P
3-VRMS Line Driver with Adjustable Gain
Rev 1
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com