Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22650 Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # AD22650
Description  3-Vrms Cap-Less Line Driver with Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD22650 Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  AD22650 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ESMT
AD22650
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.8
4/24
Absolute Maximum Ratings
(1)
SYMBOL
PARAMETER
VALUE
UNIT
Supply Voltage, VDD to GND
-0.3 to 6.0
V
VI
Input Voltage
VSS -0.3 to VDD+0.3
V
RL
Minimum load impedance
16
Ω
EN to GND
-0.3 to VDD+0.3
V
Tstg
Storage temperature range
-65 to 150
℃
TJ
Maximum operating junction temperature range
-40 to 150
℃
(1) The absolute maximum ratings are limiting values of operation, safety of the device cannot be guaranteed if beyond those values.
Recommended Operating Conditions
SYMBOL
PARAMETER
Min
NOM
Max
UNIT
VDD
Supply Voltage
3.0
5.5
V
VIH
High Level Input Voltage
EN
60
% of VDD
VIL
Low Level Input Voltage
EN
40
% of VDD
TA
Operating Ambient Temperature Range
-40
85
℃
RL
Load Resistance
16
Ω
Electrical Characteristics
PVDD=3.3V, TA=25℃, RL=2.5kΩ, CFLY=CPVSS=1μF, CIN=1μF, RI=10kΩ, RF=20kΩ (unless otherwise noted)
SYMBOL
PARAMETER
TEST CONDITIONS
Min
NOM
Max
UNIT
IDD
VDD Supply Current
EN=VDD
7
15
mA
ISD
VDD Shutdown Current
EN=0V, VDD =5.5V
5
μA
II
Input Current
EN pin
0.1
μA
VO
Output Voltage
(Outputs In Phase)
THD+N=1%, VDD=3.3V,
fIN=1kHz
2.2
Vrms
THD+N=1%, VDD=5V, fIN=1kHz
3.4
THD+N=1%, VDD=5V, fIN=1kHz,
RL=100k
3.5
Po
Output Power
(Outputs In Phase)
THD+N=1%, VDD=3.3V,
fIN=1kHz, RL=32Ω
19
mW
THD+N=1%, VDD=5V, fIN=1kHz,
RL=32Ω
53
THD+N=1%, VDD=3.3V,
fIN=1kHz, RL=16Ω
13
THD+N=1%, VDD=5V, fIN=1kHz,
RL=16Ω
38
THD+N
Total Harmonic
Distortion Plus Noise
VO=2Vrms, fIN=1kHz
0.002
%
Po=10mW, fIN=1kHz, RL=32Ω
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com