Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22650 Datasheet(PDF) 18 Page - Elite Semiconductor Memory Technology Inc.

Part # AD22650
Description  3-Vrms Cap-Less Line Driver with Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD22650 Datasheet(HTML) 18 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD22650 Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ESMT
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.8
18/24
Second-Order Filter Configuration
AD22650 can be used like a standard OPAMP. Several filter topologies can be implemented by using
AD22650, both single-ended and differential input configuration, see figure 6. For inverting input
configuration, the overall gain is
1
2
R
R
, the high-pass filter
’s cutoff frequency is
3
1
2
1
C
R
, the
low-pass filter
’s cutoff frequency is
2
1
3
2
2
1
C
C
R
R
, The detail component values are listed on table
2.
R2
R3
C3
IN
OUT
(a) Inverting Input
R1
C1
C2
R2
R3
C3
IN-
OUT
(b) Differential Input
R1
C1
C2
C3
IN+
R1
C1
R2
R3
Figure 6. Second-order Active Low-Pass Filter
Gain
(V/V)
High
Pass
(Hz)
Low
Pass
(kHz)
C1 (pF)
C2 (pF)
C3 (
μF)
R1 (k
Ω)
R2 (k
Ω)
R3 (k
Ω)
-1
1.6
40
100
680
10
10
10
24
-1.5
1.3
40
68
680
15
8.2
12
30
-2
1.6
60
33
150
6.8
15
30
47
-2
1.6
30
47
470
6.8
15
30
43
-3.33
1.2
30
33
470
10
13
43
43
-10
1.5
30
22
1000
22
4.7
47
27
Table 2. Second-order Low-Pass Filter Specifications
Over-Temperature Protection
AD22650 provide an over-temperature protection to limit the junction temperature to 150℃. As junction
temperature exceeds 150℃, internal thermal sensor will turn off the drivers immediately. The drivers will
turn on again if the junction temperature is smaller than 130℃. A 20℃ hysteresis is designed to lower
the average junction temperature during continuous thermal overload conditions, increasing lifetime of
the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com