Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22650 Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # AD22650
Description  3-Vrms Cap-Less Line Driver with Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD22650 Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  AD22650 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ESMT
AD22650
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.8
3/24
Functional Block Diagram
LINP
LINN
OUTL
EN
PVSS
CN
SGND
RINP
RINN
OUTR
UVP
PVDD
CP
PGND
Charge Pump
Under
Voltage
Protection
Depop
Circuit
Over
Temperature
Protection
Available Package
Package Type
Device No.
Θ
ja (℃/W)
(1)
Θ
jc (℃/W)
(2)
TSSOP-14
AD22650
100
32
(1)
Θ
ja is measured at room temperature (TA=25℃), natural convection environment test board, which is constructed with a thermal efficient,
2-layers PCB. The measurement is tested using the JEDEC51-3 thermal measurement standard.
(2) Θ jc represents the heat resistance for the heat flow between the chip and package’s top surface.
Marking Information
AD22650
Line 1 : LOGO
Line 2 : Product No.
Line 3 : Tracking Code
Line 4 : Date Code
ESMT
AD22650
Tracking Code
Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com