Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22650 Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # AD22650
Description  3-Vrms Cap-Less Line Driver with Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD22650 Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  AD22650 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ESMT
AD22650
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.8
2/24
Pin Assignments
LINP
LINN
EN
SGND
CN
PVSS
OUTL
RINP
RINN
PGND
UVP
CP
PVDD
OUTR
AD22650
TSSOP-14
(Top View)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Pin Description
No.
Name
Type
(1)
Pin Description
1
LINP
I
Left channel OP positive input
2
LINN
I
Left channel OP negative input
3
OUTL
O
Left channel OP output
4
SGND
P
Signal ground
5
EN
I
Enable input, active high
6
PVSS
P
Supply voltage
7
CN
I/O
Charge-pump flying capacitor negative terminal
8
CP
I/O
Charge-pump flying capacitor positive terminal
9
PVDD
P
Positive supply
10
PGND
P
Power ground
11
UVP
I
Under-voltage protection input, internally pulled high
12
OUTR
O
Right channel OP output
13
RINN
I
Right channel OP negative input
14
RINP
I
Right channel OP positive input
(1) I=input, O=output, P=power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com