Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22650 Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # AD22650
Description  3-Vrms Cap-Less Line Driver with Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD22650 Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  AD22650 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD22650 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ESMT
AD22650
Elite Semiconductor Memory Technology Inc.
Publication Date: Jan. 2018
Revision: 1.8
5/24
Electrical Characteristics (Con
’t)
PVDD=3.3V, TA=25℃, RL=2.5kΩ, CFLY=CPVSS=1μF, CIN=1μF, RI=10kΩ, RF=20kΩ (unless otherwise noted)
SYMBOL
PARAMETER
TEST CONDITIONS
Min
NOM
Max
UNIT
THD+N
Total Harmonic
Distortion Plus Noise
Po=10mW, fIN=1kHz, RL=16Ω
0.06
%
Crosstalk
Channel Separation
VO=2Vrms, fIN=1kHz
-110
dB
Po=10mW, fIN=1kHz, RL=32Ω
-74
VN
Output Noise
RI=10k, RF=10k
11
15
μVrms
VOS
Output Offset Voltage
VDD=3V to 5.5V, Input Grounded
-5
5
mV
PSRR
Power Supply Rejection
Ratio
VDD=3V to 5.5V, Vrr=200mVrms,
fIN=1kHz
-80
-60
dB
RI
Input Resistor Range
1
10
47
kΩ
RF
Feedback Resistor
Range
4.7
20
100
kΩ
fCP
Charge-Pump
Frequency
400
500
600
kHz
Maximum capacitive
Load
220
pF
VUVP
External Under Voltage
Detection
1.25
V
IHYS
External Under Voltage
Detection Hysteresis
Current
5
μA
TSD
Over Temperature
Protection Level
150
℃
Tstart-up
Start-up Time
0.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com