Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF80IAAV Datasheet(PDF) 40 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 36Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 37Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 38Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 39Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 40Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 41Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 42Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 43Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 160 page
background image
Table 7-6. Receiver Equalization Configuration
EQ
EFFECT
[1-0]
00
No equalization. The equalizer provides a flat response at the maximum gain. This setting may
be appropriate if jitter at the receiver occurs predominantly as a result of crosstalk rather than
frequency dependent loss.
01
Fully adaptive equalization. The zero position is determined by the selected operating rate, and the
low frequency gain of the equalizer is determined algorithmically by analyzing the data patterns and
transition positions in the received data. This setting should be used for most applications.
10
Precursor equalization analysis. The data patterns and transition positions in the received data
are analyzed to determine whether the transmit link partner is applying more or less precursor
equalization than necessary.
11
Postcursor equalization analysis. The data patterns and transition positions in the received data
are analyzed to determine whether the transmit link partner is applying more or less post-cursor
equalization than necessary.
[2]
0
Default
1
Boost. Equalizer gain boosted by 6 dB, with a 20% reduction in bandwidth, and an increase of
5mW power consumption. May improve performance over long links.
Table 7-7. Receiver Equalizer Hold
EQHOLD
EFFECT
0
Equalizer adaption enabled. The equalizer adaption and analysis algorithm is enabled. This should be the default
state.
1
Equalizer adaption held. The equalizer is held in its current state. Additionally, the adaption and analysis algorithm is
reset.
Table 7-8. Relationship Between Lane Rate and SerDes PLL Output Frequency
EQBOOST
GAIN BOOST (dB)
BANDWIDTH CHANGE (%)
POWER INCREASE (mW)
00
0
0
0
01
2
-30
0
01
4
10
5
11
6
-20
5
When EQ is set to 010 or 011, the equalizer is reconfigured to provide analytical data about the amount of pre
and post cursor equalization respectively present in the received signal. This can in turn be used to adjust the
equalization settings of the transmitting link partner, where a suitable mechanism for communicating this data
back to the transmitter exists. Status information is provided by setting field DTEST in register DTEST (8.5.76) to
“0111” for EQOVER and “0110” for EQUNDER. The procedure is as follows:
1. Enable the equalizer by setting fields EQHLD low and EQ to “001” (register SRDS_CFG1 8.5.86). Allow
sufficient time for the equalizer to adapt;
2. Set EQHLD to 1 to lock the equalizer and reset the adaption algorithm. This also causes both EQOVER and
EQUNDER to become low;
3. Wait at least 48 UI, and proportionately longer if the CDR activity is less than 100%, to make sure the 1 on
EQHLD is sampled and acted upon;
4. Set EQ to “010” or “011”, and EQHLD to 0. The equalization characteristics of the received signal are
analyzed (the equalizer response will continue to be locked);
5. Wait at least 150 × 103 UI to allow time for the analysis to occur, proportionately longer if the CDR activity is
less than 100%;
6. Examine EQOVER and EQUNDER for results of analysis
• If EQOVER is high, it indicates the signal is over equalized;
• If EQUNDER is high, it indicates the signal is under equalized;
7. Set EQHLD to 1;
8. Repeat items 3–7 if required;
9. Set EQ to “001”, and EQHLD to 0 to exit analysis mode and return to normal adaptive equalization.
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com