Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF80IAAV Datasheet(PDF) 48 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 48 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 44Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 45Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 46Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 47Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 48Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 49Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 50Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 51Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 160 page
background image
• software compensation for phase misalignment due to PCB design errors
The concepts behind the SYSREF capture scheme are illustrated in Figure 7-11.
Figure 7-11. SYSREF Capture Strategy and Phase Tolerance Windows
To understand Figure 7-11, to begin with we’ll ignore the SYSREF phase tolerance windows in the lower portion
of the figure and focus on the blue clock waveform at the top of the figure. This waveform represents the device
clock input to a particular DAC chip. The green arrows, labeled “R” and “F”, correspond to the rising and falling
edges of this clock (ignoring for the moment the additional arrows labeled “ER” and "EF”). Lower frequency
devices captured SYSREF only on the rising edge of the device clock, the new scheme samples SYSREF on
the falling edge as well, which provides more flexibility when optimizing the setup and hold time of the SYSREF
capture path. Moreover, each time a rising SYSREF edge is captured, the chip remembers the clock phase
during which the event occurred, and the system designer can later read back the phase information to observe
the SYSREF timing relative to the device clock at the internal capture point. If SYSREF transitions close to
the rising or falling clock edge sampling points the capture flop setup and hold time may not be met and the
observed phase may be unreliable and subject to meta-stability phenomenon.
To reduce the sensitivity to setup/hold/meta-stability concerns an “early” version of the device clock is generated
within the DAC and additional SYSREF samples are taken at the “early falling” and “early rising” edges of the
clock (labeled “EF” and “ER”, respectively, in Figure 7-11). The resulting set of four samples is used to narrow
down the timing of the rising SYSREF edge to one of four possible clock phases. If the rising SYSREF transition
takes place between the “EF” and “F” samples, then SYSREF is said to occur in phase θ1. Similarly, if it takes
place between the “F” and “ER” samples, then it is said to occur in phase θ2. If SYSREF transitions between
the “ER” and “R” samples, then it is said to occur in phase θ3. And, finally, if the SYSREF rising edge event
happens between the “R” and “EF” samples, then it is said to occur in phase θ4. As mentioned before, the
chip remembers all observed SYSREF phases and the user can later read them back. Since the delay between
“early” and “on time” versions of the clock is intentionally chosen to be larger than the setup/hold/meta-stability
window, at most one of the four samples can be affected even when the SYSREF transitions right at one of the
four sampling points. Thus, the uncertainty in the observed SYSREF timing is limited to adjacent phases, and
with twice as many sampling phases the resolution of the timing information is improved by a factor of two.
Referring to the lower portion of Figure 7-11, the user can now see how this information regarding the observed
SYSREF phases is used to devise a reliable SYSREF capture methodology with a high degree of tolerance
to manufacturing and environmental variations in SYSREF phase. Based on the SYSREF phases observed
for a particular DAC chip during system characterization, the system designer can select one of four so-called
“phase tolerance window” options (denoted “’00”, “01”, “10”, and “11”) to maximize immunity to manufacturing
and environmental variations. For example, consider the default phase tolerance window labeled “window=00”
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com