Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF80IAAV Datasheet(PDF) 91 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 91 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 87Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 88Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 89Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 90Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 91Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 92Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 93Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 94Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 160 page
background image
Table 7-59. ALM_MASK1 Field Descriptions
Bit
Field
Type
Reset
Description
15:0
ALM_MASK1
R/W
0x00FF
Each bit is used to mask an alarm. Assertion masks the
alarm:
bit 15 = mask lane7 lane errors
bit 14 = mask lane6 lane errors
bit 13 = mask lane5 lane errors
bit 12 = mask lane4 lane errors
bit 11 = mask lane3 lane errors
bit 10 = mask lane2 lane errors
bit 9 = mask lane1 lane errors
bit 8 = mask lane0 lane errors
bit 7 = mask lane7 FIFO flags
bit 6 = mask lane6 FIFO flags
bit 5 = mask lane5 FIFO flags
bit 4 = mask lane4 FIFO flags
bit 3 = mask lane3 FIFO flags
bit 2 = mask lane2 FIFO flags
bit 1 = mask lane1 FIFO flags
bit 0 = mask lane0 FIFO flags
7.5.17 Alarm Mask 2 Register (address = 0x0F) [reset = 0xFFFF]
Figure 7-50. Alarm Mask 2 Register (ALM_MASK2)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
0
0
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-60. ALM_MASK2 Field Descriptions
Bit
Field
Type
Reset
Description
15:0
ALMS_MASK2
R/W
0xFFFF
Each bit is used to mask an alarm. Assertion masks the alarm:
bit 15 = not used
bit 14 = not used
bit 13 = not used
bit 12 = mask SYSREF errors on link0
bit 11 = mask alarm from JESD shortest
bit 10 = mask alarm from PAPD
bit 9 = mask alarm from PAPC
bit 8 = mask alarm from PAPB
bit 7 = mask alarm from PAPA
bit 6 = not used
bit 5 = not used
bit 4 = not used
bit 3 = not used
bit 2 = not used
bit 1 = mask alarm_clkdiv192_eq_zero
bit 0 = mask alarm_clkdiv192_eq_mult1
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com